PART |
Description |
Maker |
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
2N1420 2N1131A 2N1132B 2N1482 2N1573 2N1574 2N1053 |
Time (Seconds):1-20; Operating Voltage:250V RoHS Compliant: Yes Small Signal Transistors Leaded Small Signal Transistor General Purpose
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Microsemi Corporation ETC[ETC] Central Semiconductor
|
2DC4617QLP-7B 2DC.617QLP-7 2DC.617QLP11 2DC4617QLP |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
2N3134 2N3299 2N3252 2N3439 2N2854 2N2855 2N3110 2 |
SHROUDED HEADER 14 POS RT ANGLE NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 HEADER, 100MIL, 10PIN, VERTICAL, TH SHROUDED HEADER 10 POS RT ANGLE CONN, HEADER 2X5 PINS .10X.10 CENTERS STRAIGHT SHROUDED,LOW
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] http://
|
MPS2222RLRPG MPS2222AG MPS2222ARLG MPS2222ARLRAG M |
General Purpose Transistors Small Signal General Purpose NPN; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistors
|
ON Semiconductor
|
MSC2295BT1 MSC2295-BT1 MSC2295-CT1 ON2374 |
NPN RF Amplifier Transistors Surface Mount Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN RF Amplifier Transistors Surface Mount UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR CASE 318D3, STYLE 1 SC9 From old datasheet system
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola, Inc]
|
MMSTA06 SSTA06 MPSA06 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN General Purpose Transistor
|
ROHM[Rohm]
|
UMT2907A MMST2907 SST2907A MMST2907A PN2907A |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) PNP Medium Power Transistor (Switching)
|
ROHM[Rohm]
|
SST2222A UMT2222A MMST2222A PN2222A |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN Medium Power Transistor (Switching)
|
ROHM[Rohm]
|
BSS125 Q67000-S233 Q62702-S021 Q67000-S008 BSS125Q |
N-Channel SIPMOS Small-Signal Transistor SIPMOS ? Small-Signal Transistor 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor Transient Voltage Suppressor Diodes SIPMOS Small-Signal Transistor (N channel Enhancement mode) SIPMOS小信号晶体管N通道增强模式 SIPMOS Small-Signal Transistor (N channel Enhancement mode) 100 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SA830S 2SB852K 2SC1645S 2SD1383K 2SC1645STPB |
TRANSISTOR | BJT | DARLINGTON | NPN | 32V V(BR)CEO | 300MA I(C) | TO-92VAR Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
ROHM
|